|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
: selectable among the following 1 loop (1 control output / 2pid) 2 loops (2 control outputs / 4pid) 4 loops (4 control outputs / 8pid) : 1.0 to 3276.7%, set at 3000.0% for de- livery : 0.1 to 3276.7 s, set at 3000.0 s for deliv- ery : 0.0 to 900.0 s, set at 0.0 s for delivery : wafer connection : 48 wafers x 4 loops (max. 192 wa- fers) a maximum of 48 wafers usable in 1 loop : 100 kinds listed in table 1 : 200 ms for 4-loop (8pid) control of sim- plicity pid : alarm can be displayed and output through wafer connection. : each high/low of pv, sv and mv, pv change rate alarm, mv change rate alarm, high/low deviations. (1) pid control ?number of loops and pid ?proportional band (p) ?integration time (i) ?derivative time (d) (2) programming function ?programming method ?program capacity ?kind of wafer (3) computation cycle (4) alarm function ?method ?kinds compact controller m [cc-m] (programmable continuous output type) digital controller the compact controller m (programmable continuous out- put type) is a multi-loop process controller. it accepts 1 to 5 v dc and signals from thermocouples and resistance bulb as input, and is provided with abundant con- trol and computation functions to allow configuring a flex- ible system with a high cost performance. features 1. multi-loop controller of up to 4 control outputs. cc-m has max.4 control outputs,that is real 4-loop multi- loop controller. [note] in this data sheet, the term "loop" is used in the same meaning as the quantity of control output. 2. control and computation functions dependent on wafers control and computation functions are implemented by combining function-software packages called "wafers." since the wafers are built in the controller, optimum system can be programmed by using the front-panel keys and the pc based configurator. 3. high visibility ensured with color graphic display a color lcd is adopted for graphic display of multi-loop bar graph and trend screens,etc. 4. communication function (option) rs-485 (modbus ? protocol or opto22 interface ? ) are available. 5. soft logic function (option) plc function can be implemented by iec61131-3 stan- dard programming language through the pc based con- figuration software. 6. back-up (option) if the controller becomes faulty, influence over the sys- tem can be evaded by changing the built-in backup opera- tion unit. 7. memory card (option) memory card can save any data, for example process in- put, wafer output, etc. specifications 1. control and computation functions control and computation functions are implemented by combining function-software packages called "wafers." combination of wafers is called "wafer connection." cc-m comprises 100 kinds of wafers. wafer connection is made by operating the keys on the front panel or using the pc based configurator. data sheet pda3 date EDSX11-132E dec. 24, 2003
pda3 2 influence by signal source resistance: about 0.25 v/ ? influence by ambient temperature: 0.2% fs/10 c 1 c or less. influence by power supply fluctuation: 0.2% fs 1?c or less burnout detection: provided isolation: isolated from internal circuit. types and measurable ranges: * see table 2. input accuracy: 0.2% fs 1 digit input accuracy guarantee range: -5% to 105% of input range allowable wiring resistance: 10 ? or less per wire, provided wiring resis- tance must be equal among 3 wires (ze- ner barrier connection unallowable) influence by ambient tempera- ture: 0.2% fs/10?c or less. influence by power supply fluctuation: 0.2% fs or less burnout detection: provided isolation: isolated from internal circuit. : 100 ms input range: selectable among 0 to 5 v dc, 1 to 5 v dc and 0 to 10 v dc initial set before delivery : 1 to 5 v dc input accuracy: 0.1% of input span 1 digit scaling (engineering data conversion) : settable within a range from -32767 to 32767 4, 3, 2, 1 or 0 digit below decimal point is selectable. initial set before delivery : 0.00% to 100.00% engineering unit: settable in up to 8 characters usable characters: alphabets numerals, symbols such as +, , * ,etc. input accuracy guarantee range: 5% to 105% of input range. maximum continuous permissible volt- age: 35 v input resistance: 1 m ? or more influence by ambient temperature: 0.1% fs/10 c or less. influence by power supply fluctuation: 0.1% fs or less. isolation : non-isolated from internal cir- cuit. in case of current input: shunt resistor need to be connected to the analog input terminal. (250 ? shunt resistor is optional item) types and measurable ranges: * see table 2. input accuracy: 0.2% fs 1 digit [note]b type: 5% between 0 to 400?c s and r type: 1%between 0 to 500?c all type of tc: 5% under 100?c reference junction compensation error: 1.0 c (provided measurable range is 50 c and higher) [note]reference junction compensa- tion resistor is connected at external input terminal in case of thermo- couple input is ordered. input accuracy guarantee range: 5% to 105% of input range. input resistance: 1 m ? or more allowable signal source resistance: 100 ? or less (zener barrier connection unallowable) (3) resistance bulb (option) [note] fs: full span. ?sampling period 2. input signals performance under reference condition(23 2?c, 55 10%rh, power voltage and frequency variation 1%, free from the effect of external noise) unless otherwise specified. 2-1 analog input signal ?number of inputs 8 inputs ?inpute signal types: dc voltage, thermocouple (option), re- sistance bulb (option) two thermocouple inputs or two resis- tance bulb inputs are selectable. (1) dc voltage (2) thermocouple (option) : selectable among 1, 2 and 4 outputs : 4 to 20 ma dc : 0.2% fs : 600 ? or less 3. output signals performance under reference condition(23 2?c, 55 10%rh, power voltage and frequency variation 1%, free from the effect of external noise) unless otherwise specified. 3-1 analog output signal (1) control output ?number of outputs ?output signal ?output accuracy ?load resistance 2-2 digital input signal ?number of inputs ?electrical specifications ?contact rating ?signal judgment : 10 inputs : no-voltage contact or transistor contact on/0 v, off/24 v, on current/about 8 ma isolated from the internal circuit by photocoupler. not isolated between each digital input and output. : 30 v dc, 10 ma or more : no-voltage contact contact resistance; 200 ? or less at on, 100 k ? or more at off : transistor contact 1v max at on., leakage current 100 a max. at off 3 : up key/down key : about 40 s/fs : 0.05% fs/each key press : up key, down key and high-speed key : about 40 s/fs (usual), about 8 s/fs (high speed) : c, a, and m : balance bumpless changeover from auto to cascade balanceless bumpless in other auto to cascade balanceless bumpless in other changeover : setting of a password : settable in 4 numerals (within 0000 to ffff) initial set before delivery: 0000 : inhibition of parameter setting : settable in up to 8 characters usable characters; alphabes, numerals, symboles such as +, , * ,etc. : 100 v to 240 v ac/24 v dc : 85 v to 264 v ac/20 v to 30 v dc : 47 to 63 hz : 60 va or less (100 v to 240 v ac) : 30 w or less (24 v dc) : 20v to 30v dc,max. 40ma 5. setting and operation (1) set point setting method ?setting key ?setting speed ?setting resolution (2) control output operation method ?operation key ?operation speed (3) operation mode ?kinds of operation mode [note] c : cascade mode (operation according to remote set point) a : auto mode (operation according to the local set point) m : manual mode (control output to be manually operated by operator) ?changeover [note] balance bumpless changeover is a method where each setting value needs to be balanced by operator him- self at the time of changeover. balanceless bumpless changeover is a method where each setting value is au- tomatically balanced by the controller at the time of changeover. (4) security ?method ?password ?contents of security (5) other setting items ?tag name 6. power supply ?voltage rating ?allowable range ?frequency ?power consumption power supply output voltage (terminal symbol vp and pc) 4. display ?display unit ?contents of display ?output accuracy guarantee range ?influence by ambient temperature ?influence by power supply fluctuation ?isolation (2) auxiliary analog output ?number of outputs: types of signal ?output accuracy ?load resistance ?output guarantee range ?influence by power supply fluctuation ?solation 3-2 digital output signal ?number of outputs ?electrical specifications ?output rating 3-3 fault output signal (terminal symbol flt) ?number of outputs ?electrical specifications ?output rating : 2 to 22 ma dc : 0.2% fs/10?c or less : 0.2% fs or less : non-isolated from internal circuit : 4 outputs : selectable among 0 to 5 v dc, 1 to 5 v dc and 0 to 10 v dc initial set before delivery: 1 to 5 v dc : 0.1% fs : 15 k ? or more : 1 to 5 vdc : ?2.5% to 112.5% : 0 to 5 vdc : 0% to 112.5% : 0 to 10vdc : 0% to 105% : 0.1% fs or less : non-isolated from internal circuit : 10 outputs : transistor open collector 1 v max. at on, 10 a max at off. isolated from the internal circuit by photocoupler. not isolated between each digital input and output. : 30 v dc, 100 ma max. (resistive load) : 1 output : transistor open collector 1 v max. at on, 10 a max at off. isolated from the internal circuit by photocoupler. not isolated between each digital input and output. : 30 v dc, 100 ma max. (resistive load) : 16 colors graphic liquid crystal display, with cfl back light and contrast adjust function. : menu : loop panel (1, 2, 4 and 8 loops) bar graph display, digital display, etc. [note] the term "loop" hereby indicates the number of control blocks. it does not mean the number of control out puts. : tuning screen : trend screen (max. 8 screens) : alarm and alarm historical screen : analog input/output and digital input/ output indication screen : wafer connection screen : parameter setting screen pda3 4 7. general performance and characteristics ?insulation resistance ?dielectric strength ?rush current ?clock ?memory backup 8. operating and storage conditions ?operating temperature ( temperature change rate ?transport and storage temperature ( temprature change rate ?operating humidity ?transport and storage humidity ?operating continuous vibration ?transport and storage shock 9. power failure and restart function ?permissible duration of momentary power failure in the case of 24v dc, it is recom- mended to avoid power failure problem that system power supply unit with permissible duration of momentary power failure of 20ms or more (pxj, for example) is used. ?behavior at power failure detection ?power recovery mode : 500 v dc, 50 m ? or more. : 2,000 v ac for 1 minute between power terminal and ground terminal in case of 100 v to 240 v ac power supply : 500 v ac for 1 minute between power terminal and ground terminal in case of 24 v dc power supply. : 500 v ac for 1 minute between signal communication terminals and ground terminal : 60 a or less. (100 v ac to 240 v ac power supply) : set and display year, month, day, hour, minute, second accuracy : 100 ppm except of time lag shorter than 1 s / power on / off ac- tion. : protection by lithium battery. (expected battery life is about 2 years under room temperature) parameter and program are stored non- volatile memory. : 0 to 50?c : 0 to 40 c in case of multiple mounting : max. 10?c / h ) : -20 to 70?c : max. 20?c / h ) : 5 to 90% rh, condensation unallowable : 5 to 95% rh, condensation unallowable : 4.9 m/s 2 or less : fall of 60cm max. in packed status : 20 ms at 90v ac (100 v to 240 v ac only) : control stops at detection of power fail- ure. : selectable initial start and continuous start 10. self-diagnosis ?control and computation circuit failure ?input signal failure ?control output signal failure ?behavior at failure 11. structure ?enclosure ?finish color ?flame resistance ?protection ?external dimensions (w x h x d) ?mass ?mounting method ?external terminal 12. backup function (option) ?method ?number of control outputs ?indication ?indicator ?indication changeover ?operation key ?operation resolution ?backup changeover : monitoring with watchdog timer : voltage/current input monitoring of range over : thermocouple and resistance bulb monitoring of disconnection : monitoring of disconnection by read back check : flt is indicated, flt lamp lights, flt output signal turns on, control stops and control output is held. : plastic (material: pc-abs) : front frame and enclosure both gray : ul94v-0 : front face; ip54 (display unit and opera- tion key) : 72 x 144 x 280 mm : 1.9 kg or less : flush on indoor panel vertical mounting as standard tilted mounting allowed within back- ward angle 0 to 45 . for panel cutout dimension, refer to panel cutout dimensions : compression terminal type : with backup operation unit : 1, 2 or 4 outputs selectable. : control output indication of each loop (ma indication) : 21-segment led : changeable to each loop by loop selec- tion key loop no. indicated by 1-digit led : control output up, control output down, loop selection :5% : changeover has been made by the hm (hard manual) switch. however, changeover cannot be made when the backup operation unit is faulty. : in all loops, changeover to the hm mode is blanceless and bumpless. 90 to 45 5 : slave : modbus protocol : eia rs-485 : half-duplex, bit serial : start-stop synchronizing : multi-drop : 19.2 kbps : max. 500 m in total : max. 31 units : fixed to 8 bits : odd / even / none : 1 or 2 : isolated from internal circuit : 100 ? (optional item) : parameters and process value. : code symbol: pdzt0001 : master : i/o extension analog input / output : max.4 digital input / output : max.32 : opto22 interface ? : eia rs485 : half-duplex, bit serial : start-stop synchronizing : 57.6 kbps : max.50m in total : max.31 units : isolated from internal circuit : 100 ? (optional item) : parameters, process values,etc. : snap i/o series ? (opto22 corpora- tion) ?format method ?data readout ?recommended memory card 13. communications (option) 13-1 rs485 interface-1 communication behavior ?communication protocol ?physical specification ?communication method ?connection form ?communication speed ?communication distance ?number of connectable units ?data length ?parity ?stop bit ?isolation ?terminator ?communication items ?rs232c / rs485 signal converter (optional item) 13-2 rs485 interface-2 communication behavior usage communication protocol physical specification communication method communication speed communication distance number of connectable units isolation terminator communication item ?connectable slave unit : : dependent on this controller : readout by pc using pcmcia card slot : made by sandisk corporation sandisk compact flash memory card is standardized and on the market. memory card capacity data storge 4mb about 180 thousand data 20mb about 900 thousand data 32mb about 1.35 million data 14. soft logic function (option) programming method number of steps computation cycle 15. memory card interface (option) specification compatible memory card application saving period data storage capacity [note] the both of soft logic function and wafer is not available to operate one time. : based on iec 61131-3 available language; ladder diagram (ld) sequential function chart (sfc) function block diagram (fbd) : programming is to be carried out using the pc based configuration software. programming and editing are not al- lowed on the controller : 2k steps of ladder : 200 ms / 2k steps of ladder : compact flash (based on cfa) : 5 v flash memory card capacity 4, 20 and 32 mb : process data logging (32 points or less) : 1s to 2h [note] number of units is limited depend on the number of i/o points. [note] the data of max. 16 points (4 screens) can be storaged at storage time as 1 s. pda3 6 16. standards under conformity (1) general safety (2) emc 17. configuration software 17-1 programming loader software (code symbol : pdzp2001) this software is installed on the cd-rom form instruction manual (pdzq2001) supplied with the main unit. communication cable (pdzl1001) is optionally available. wafer connection can be entered, edited, uploaded and downloaded. operation parameter can be entered, edited, uploaded and downloaded. 17-2 soft logic configurator (optional item) (code symbol : zoz * c-kds-wd2a) programming method : based on iec 61131-3 [note] the program made by this software cannot be changed by the controller function key. 17-3 recommended personal computer system hardware operating system 17-4 cable (code symbol : pdzl1001) using the configuration software, the configuration file is downloaded via rs232c transmission cable. : iec 1010-1 (1990) en 61010-1 (1993) : emission en 50081-2 (1994) immunity en 50082-2 (1995) : dos/v machine, pentium 100mhz or higher free hard disk capacity 40mb or more, memory capacity 32mb or more : windows 98 se/2000/xp english ver- sion wafer name kinds outline primary pid carries out computation on the primary loop. 9 5 2 8 1 1 5 6 8 1 1 secondary pid carries out computation on the secondary loop. gain schedule outputs the pid parameter corresponding to input 1 according to the gain schedule table. bit concatevate outputs digital data as word data to an external expansion i/o. bit slicing slices the digital data acquired as word data from an external expansion i/o into each bit. encoder encodes an input signal into a binary code. sawtooth wave generator generates a sawtooth wave with a slope entered for each cycle time. bcd converts bcd data into binary data and binary data into bcd data. logical operation arithmetic operation temperature/pressure compensation carries out and, or, not, xor and a combination of these logical operations. carries out a combination of addition, subtraction, multiplication and division. carries out temperature and pressure compensation through use of differential pressure, compensated pressure, proper temperature. outputs on-off signal with hysteresis. wafer name indicator kinds outline 2 1 1 1 1 1 1 2 1 6 1 1 8 1 4 1 1 1 1 1 1 1 3 1 ramp function analog averaging analog integration pulse generation dead band pulse no.counter pulse no.output decoder running average sample & hold dead time on-off alarm program control flip-flop pulse width integration selector changeover timer absolute value/sign inversion square root extraction lead,lag limiter time schedule control by step or polygonal line approximation with 7 segments. rs flip-flop. adds the change of input at each basic cycle to the previous integration value. compares two input values,and provides high output(large one), low output(small one),and result of judgement on large/small. selects input or output via a switch function.analog hold circuit also provided. outputs on-delay,off-delay timer signal via start of input signal according to timer setting. carries out absolute value processing on input and outputs the result.also judges the sign(positive,negative)of input value and outputs the result. extracts square root of input value and outputs the result.low input cutoff function equipped. carries out lead/lag operation on the input and outputs the results. used as analog filter function and for various compensations. limits the input within the range of high/low limit settings,and outputs the result.also outputs high/low limit alarm signal. outputs signal which changes...in ramp from toward target value at the set full scale time.there are two of these wafers...in minute unit and hour unit. carries out sequential integration on input data,calculates the average value at each averaging time, and otuputs the result. integrates the value obtained by multiplying the input data by a proportional constant,and outputs the result. outputs a pulse at the set time interval. adds dead band compensation to the input and outputs the result. detects rise of pulse and counts the number of pulses. integrates the input signal and converts it to number of pulses for output. decodes 2-bit pure binary input and outputs it to 4 terminals. calculates ranning average of input data and outputs the result. holds the input value according to sample signal(0/1)and continues the output. usable for dead time compensation control etc.data sampling can be done in 1 sec or 1 min units. compares the input and set value and outputs the judgment result. indicate input data on the front display (using 3 bar-graph display) palse width modurator 1 performs output processing in time proportional pid control. a variety of applications are possible through combination of wafers. 7 linearize carries out segmented-line approximation with 15-segmented- line function. table 1 list of wafers 7 table 2 list of thermocouple and resistance bulb measurable range thermocouple j 01 00 0.0~400.0 j 01 0.0~800.0 k 02 0.0~400.0 k 03 0.0~800.0 k 04 0.0~1200.0 r 05 0.0~1600.0 b 06 0.0~1800.0 t07- 200.0 ~ 200.0 t08- 150.0 ~ 400.0 e 09 0.0~800.0 e10- 200.0 ~ 800.0 s 11 0.0~1600.0 n 12 0.0~1300.0 u13- 200.0 ~ 400.0 wre5-26 14 0.0~2300.0 pl 2 15 0.0~1300.0 resistance bulb pt100 00 00 0.0~150.0 01 0.0~300.0 02 0.0~500.0 03 0.0~600.0 04 -50.0~100.0 05 - 100.0 ~ 200.0 06 - 200.0~600.0 07 - 200.0~850.0 input type code input range code measurable range ? c input signal scope of delivery controller, panel mounting bracket, instruction manual (depend on code symbols) optional items block diagram of electrical isolation power supply ground pv1 pv2 rs485 (modbus) di1 to di10 solid line shows isolation from the other units or circuits. do1 to do10 ai1 to ai6 mi1 to mi14 ao1 to ao4 rs485 (opto22) power supply unit ground tc or rtd input unit tc or rtd input unit communication unit di / do unit ai / ao unit type specification available unit item (note 1) these cables are used for modbus ? . length needs to be specified. (note 2) the instruction manual, introductory guide and programming loader software (pdzp2001) are included. (note 3) this is the improved mounting bracket adopted from pda-2. refer to the outline diagram for shape and dimensions. terminator pdzr2001 for compression terminal 1 for communication (100 ? ) shunt resistor (250 ? ) pdzs2001 for compression terminal 1 communication cable for pdzl1001 commonly usable cable 1 configuration software for configuration software (3m length) communication cable (note1) for compression terminal, pdzk4xx1 with compression 1 from pda to pda terminal at both ends for compression terminal, pdzk5xx1 with m3.5 solderless 1 from pda to plc terminal on plc side for compression terminal, pdzk6xx1 9-pin connector on pc side 1 from pda to pc communication converter pdzt0001 rs232c / rs485 1 signal converter compact controller m pdzx5001 instruction manual in 1 (cc-m) instruction manual book form in book form (in english) compact controller m pdzx4001 instruction manual in 1 (cc-m) introductory guide book form in book form (in english) instruction manual on pdzq2001 instruction manual on 1 cd-rom (in english) cd-rom (note2) mounting bracket (note3) pdza1001 improved mounting 1 bracket pda3 8 code symbols da 1 p-- controller function <4th digit code> programmable type note 1 3 12345678 910111213 1415 number of control loops <5th digit code> note 2 1 loop (1 control output) 2 loops (2 control outputs) 4 loops (4 control outputs) 1 2 4 input signal <7th digit code> 1 to 5 v dc note 3 thermocouple note 4 resistance bulb pt100 note 4 a c d external terminal <6th digit code> compression terminal 2 backup operation unit <11th digit code> without for 1 control output, 100 to 240 v ac for 2 control outputs, 100 to 240 v ac for 4 control outputs, 100 to 240 v ac for 1 control output, 24 v dc for 2 control outputs, 24 v dc for 4 control outputs, 24 v dc y a b c d e f programming method <14th digit code> wafer connection method soft logic method note 8 1 2 communicatioin / memory card interface <12th digit code> (slave) (master) (memory card interface) note5 note6 without without without without without with rs485 without without note7 rs485 rs485 without note7 rs485 without with note7 rs485 rs485 with note7 y m c d u r instruction manual <13th digit code> without instruction manual on cd-rom (in japanese and english) note11 factory configuration<15th digit code> without wafer connection note 9 with up to 48 wafer connection note10 with more than 49 wafer connection note10 y d 0 8 9 power supply voltage <9th digit code> 100v to 240v ac (usable range 85v to 264v ac) 50 / 60hz 24v dc (usable range 20 to 30v dc) note 1) control and computation function could be done by wafer connection or soft logic function. note 2) control loop means the number of control output. note 3) for current input, a shunt resistor is used for conversion into voltage. shunt resistor is optional item. note 4) thermocouple and resistance bulb input are opitons. allowable up to 2 points. note 5) communication cable and terminator are optional items. note 6) recommended maker: sandisk corporation. note 7) slave interface is modbus ? protocol and master interface is opto22 interface ? . note 8) programming method conforming with iec61131-3. optional items soft logic configurator is necessary for programming. the both of soft logic function and wafer is not available to operate one time. note 9) in this case, wafer connection programming should be made by user. connection tool (programming loader) is optional item. when set "2" on the 14th digit code, "0" should be set on the 15th digit code. note 10) wafer connection specification sheets need to be prepared and submitted by user to fuji. input signal and measurable range initial set before delibvery is as follows. for specification of voltage input, scale is 0.00 to 100.00% for specification of thermocouple, k, 0.0 to 400.0 ? c. for specification of resistance bulb is 0.0 to 150.0 ? c. note 11) programming loader (pdzp2001) is included in the cd-rom. communication cable (pdzl1001) is optionally available. this instruction manual is recorded in pdf format file. to read this manual, adobe acrobat reader is required. setup program of acrobat reader is also recorded on this cd-rom. a b operation mode <10th digit code> cascade-auto-manual changeable type c description 9 pc analog output configuration software soft logic function (based on iec 61131-3) max.4 loops control and computation wafer region memory card (option) communication (option) communication (option) loop 1 loop 2 loop 3 loop 4 2nd pid 1st pid pc / plc digital input compression terminal digital output thermocople / resistance bulb (option) analog input control output back up operation unit (option) modbus ? (rs232c) rs485 (modbus ? ) rs485 (opto22 interface ?) or opto22 snap i/o functional diagram pda3 10 outline diagram (unit : mm) note) the distance between other instruments and low end of pda shall be more than 100mm. panel terminal cover cover bracket mounting bracket panel thickness 8 mm or less 20 144 72 280 21.6 137.5 100min. 67.5 11 mounting bracket for mounting one unit for mounting multiple n units 68 +0.7 0 138 +1 0 250 or more (72.2n-4) +1 0 138 +1 0 250 or more number of n 2 n ; q'ty panel cutout dimensions 50 205 160 16 pda3 [note] windows ? is the registered trade mark of microsoft corporation. [note] modbus ? is the registered trade mark of gould modicon. [note] compact flash ? is the registered trade mark of sandisk corporation. [note] opto22 interface and snap i/o is the registered trade mark of opto22(usa). [note] adobe ? and acrobat ? are trademarks of adobe systems incorporated. external connection diagram 43 44 45 46 47 48 49 50 51 52 53 54 55 56 mi+1 mi-1 ao1 sc ao2 ao3 sc ao4 flt do1 do2 do3 do4 57 58 59 60 61 62 63 64 65 66 67 do5 di1 dio-com di2 di3 dio-com di4 di5 i+1 io1 rcj-1 rcj (+) vpd vpd pcd (-) (+) (-) i-1 a b b 22 23 24 25 26 27 28 29 30 31 32 33 34 35 mi+2 manipulated output 2 manipulated output 3 manipulated output 4 mi-2 mi+3 mi-3 mi+4 mi-4 do6 do7 do8 dio-com di6 di7 dio-com 36 37 38 39 40 41 42 di8 opt+ opt- com i+2 io2 rcj-2 i-2 rcj (+) (+) pcd (-) process value input 2 a b b (-) (+) (-) (com) rs-485 communication (opto22) downloading process value input 1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 ai1 sc ai2 ai3 sc ai4 ai5 sc ai6 sc vp pc di9 15 16 17 18 19 20 21 di10 do9 do10 mod+ mod- com vpd pcd pcd voltage input voltage output (+) (-) 24 v external supply (+) (-) (com) rs-485 commun- ication (modbus) uploading 24 v supply for dio voltage input resistance bulb input thermo- couple input voltage input resistance bulb input thermo- couple input manipulated output 1 g n/- l/+ instrument power supply 100 to 240vac instrument power supply 24vdc grounding information in this catalog is subject to change without notice. printed in japan head office 6-17, sanbancho, chiyoda-ku, tokyo 102-0075, japan http://www.fesys.co.jp/eng sales div. international sales dept. no.1, fuji-machi, hino-city, tokyo, 191-8502 japan phone: 81-42-585-6201, 6202 fax: 81-42-585-6187 http: //www.fic-net.jp/eng caution on safety *before using this product, be sure to read its instruction manual in advance. |
Price & Availability of EDSX11-132E |